Part Number Hot Search : 
43800 2SA493TM MAX2235 05S4L CV311 SB100 39100 P2013EP
Product Description
Full Text Search
 

To Download M32016AUPJ1000000000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mtronpti corporate headquarters 100 douglas avenue po box 630 yankton, sd 57078-0630 1-800-762-8800 www.mtronpti.com features: ? superior jitter performance (comparable to saw based) ? frequencies from 150 mhz to 1.4 ghz ? designed for a short 2 week cycle time phase lock loop applications: ? telecommunications such as sonet / sdh / dwdm / fec / serdes / oc-3 thru oc-192 ? wireless base stations / wlan / gigabit ethernet ? avionic fight controls and military communications introduces m320x series pecl/lvds/cml vcxo featuring qik chip tm technology
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800.  m30x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/  .5/1.8 volt C 5x7/9x14 mm product specifcations product features: ? superior jitter performance comparable to saw-based vcso products (0.50 ps typical at 6 .08 mhz) ? frequencies from 150.0000mhz to 1.4000ghz ? p ot p n o 50 or 100ppm oer inustrial temperature range ? crystal resonator based product offering far better stability than saw ? designed for short cycle time manufacturing ( weeks or less) ? 0.01 f bypass capacitor from vcc to ground built into 9x14 packages description: the m320x series voltage controlled crystal oscillators are designed specifcally for high performance pll applications. the m3  0x is available in pecl, lvds, and cml output while featuring mtronptis i chip tm technology offering signifcantly reduced cycle time. applications: ? telecommunications such as sonet / sdh / dwdm / fec / serdes / oc-3 thru oc-19  ? wireless base stations / wlan / gigabit ethernet ? avionic fight controls and communications ? test equipment and instrumentation ordering information: part number example: m30 0 6 a g p j 1000.000000mhz part number example: m3006abpj C 1000.000000 mhz
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 3 m30x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/2.5/1.8 volt C 9x14 mm applications note: the mtronpti m320x series of voltage controlled cystal oscillators, featuring qik chip tm technology, provides for extremely low jitter of 0.50 ps rms, typical at 622.08 mhz. for applications requiring low jitter, frequencies from 150 mhz to 1.4 ghz are avail - able. lvpecl, lvds, or cml compatible outputs, as well as operating voltage of 1.8 v, 2.5 v, and 3.3 v are also options on the m310x. the m320x is available with a standard apr of 50 ppm and 100 ppm, over the industrial operating temperature range of -40c to +85c. the m320x achieves this level of performance by utilizing an at-cut crystal. an enable/disable function is also an available option on the m320x. an internal 0.01 f by-pass capacitor also assures optimum noise suppression on the supply voltage pad. the superior integrated jitter performance of 0.50 ps rms, typical at 622.08 mhz, makes the m320x suitable for 10 gig-e, broad - band networks, network switches, sonet, sdh, serdes, dwdm, fec, wlan, and oc-3 thru oc-192 systems. the m320x is available in a six-j-lead, 9x14 mm, ceramic, surface mount package, that is rohs and +260c refow compatible (see page 4, j package drawing). figures 1 and 2 below show load termination conditions for lvpecl and lvds. the m320x oscillators are backward compatible to many of the existing products in the industry from vectron, epson, and others. for superior performance in a high frequency clock oscillator, the m310x is a logical choice for designers. the unique design architecture allows the m320x fast turn around on engineering design samples, as well as production quantities in 2 weeks or less. figure  . lvds load circuit figure 1. 3.3v lvpecl load circuit
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 4 m30x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/2.5/1.8 volt C 9x14 mm performance characteristics: m310x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/2.5/1.8 volt C 5x7/9x14 mm
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 5 m30x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/2.5/1.8 volt C 9x14 mm product dimensions & pinout information: handling information: although protection circuitry has been designed into the m320 vcxo, proper precautions should be taken to avoid exposure to electrostatic discharge (esd) during handling and mounting. mtronpti utilizes a human-body model (hbm) and a charged-device model (cdm) for esd-susceptibility testing and protection design evaluation. esd voltage thresholds are dependent on the circuit parameters used to defne the mode. although no industry-wide standard has been adopted for the cdm, a standard hbm (resistance = 1500, capacitance = 100 pf) is widely used and therefore can be used for comparison purposes. the hbm esd threshold presented here was obtained using these circuit parameters. m310x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/2.5/1.8 volt C 5x7/9x14 mm
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 6 m30x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/2.5/1.8 volt C 9x14 mm solder profle: quality parameters:
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 7 m30x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/2.5/1.8 volt C 9x14 mm tape and reel specifcations: output waveform: lvds/cml/pecl
mtronpti reserves the right to make changes to the product(s) and service(s) described herein without notice. no liability is assumed as a result of their use or application. please see www.mtronpti.com for our complete offering and detailed datasheets. contact us for your application specifc requirements: mtronpti 1-800-762-8800. 8 m30x series pecl/lvds/cml voltage controlled crystal oscillator C 3.3/2.5/1.8 volt C 9x14 mm orlando 2525 shader rd orlando, fl 32804 usa phone: 407.298.2000 fax: 407.293.2979 email: salesorl@mtronpti.com yankton po box 630 yankton, sd 57078-0630 usa phone: 605.665.9321 toll free: 800.762.8800 fax: 605.665.1709 email: salesykt@mtronpti.com san jose 985 university ave suite 38 los gatos, ca 95032 usa phone: 408.395.0700 fax: 408.395.8074 email: salesca@mtronpti.com europe eindhoven, netherlands phone: 31.40.368.6818 fax: 31.40.368.3501 email: saleseu@mtronpti.com asia pacifc 1104 shanghai industrial investment building 48-62 hennessy road wanchai, hong kong, china phone: 852.2866.8023 fax: 852.2529.1822 email: saleshk@mtronpti.com connecticut 755 main street suite 2b, building 2 monroe, ct 06470 usa phone: 800.762.8800 fax: 203.452.9435 email: milsales@mtronpti.com


▲Up To Search▲   

 
Price & Availability of M32016AUPJ1000000000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X